PART |
Description |
Maker |
M38510/30009B2A M38510/30009BAA M38510/30009BAB M3 |
Single 8-input NAND Gate Dual 4-input NAND Gate Quad 2-input NAND Gate Triple 3-input NAND Gate 3输入与非 Triple 3-input NAND Gate 输入与非
|
ITT, Corp. Linear Technology, Corp. Bel Fuse, Inc.
|
NC7SZ38 NC7SZ38L6X NC7SZ38M5X NC7SZ38P5X |
RECTIFIER FAST-RECOVERY SINGLE 3A 50V 100A-ifsm 0.9V-vf 25ns 10uA-ir SMB 3K/REEL-13 LVC/LCX/Z SERIES, 2-INPUT NAND GATE, PDSO5 TinyLogic UHS 2-Input NAND Gate (Open Drain Output) TinyLogic UHS 2-Input NAND Gate (Open Drain Output)
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
HCTS20MS HCTS20D_SAMPLE HCTS20DMSR HCTS20HMSR HCTS |
NAND-Gate, 4-Input, TTL Inputs, Dual, Rad-Hard, High-Speed, CMOS, Logic Switch Boot; For Use With:Toggle Switches Radiation Hardened Dual 4-Input NAND Gate HCT SERIES, DUAL 4-INPUT NAND GATE, CDFP14
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
DM74ALS133N 74ALS133 DM74ALS133 DM74ALS133M DM74AL |
13-Input NAND Gate ALS SERIES, 13-INPUT NAND GATE, PDIP16 13-Input NAND Gate 13输入与非 From old datasheet system
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74LVC1G10GN |
Single 3-input NAND gate LVC/LCX/Z SERIES, 3-INPUT NAND GATE, PDSO6
|
NXP Semiconductors N.V.
|
MC74VHC1G00DFT1G |
Single 2 Input NAND Gate; Package: SC-88A, SOT-353, SC-70 5 LEAD; No of Pins: 5; Container: Tape and Reel; Qty per Container: 3000 AHC/VHC SERIES, 2-INPUT NAND GATE, PDSO5
|
ON Semiconductor
|
74F00 74F00SJX 74F00PC 74F00PCX 74F00SC 74F00SCX 7 |
Quad 2-Input NAND Gate From old datasheet system Quad 2-Input NAND Gate F/FAST SERIES, QUAD 2-INPUT NAND GATE, PDIP14 Quad 2-Input NAND Gate F/FAST SERIES, QUAD 2-INPUT NAND GATE, PDSO14 Quad 2-Input NAND Gate 输入与非
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
CD4011BT CD4011BDTR 5962R9662101TXC 5962R9662101TC |
16-Bit Bus Transceiver And Register With 3-State Outputs 56-SSOP -40 to 85 4000/14000/40000 SERIES, QUAD 2-INPUT NAND GATE, CDIP14 CMOS Quad 2-Input NAND Gate
|
Intersil, Corp. Intersil Corporation
|
74F38SJ 74F38SC 74F38PC 74F38 74F38S 54F38LMQB |
RECTIFIER FAST-RECOVERY SINGLE 3A 200V 100A-ifsm 0.9V-vf 25ns 10uA-ir SMB 3K/REEL-13 F/FAST SERIES, QUAD 2-INPUT NAND GATE, PDIP14 Quad Two-Input NAND Buffer (Open Collector)
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
HCS00MS HCS00D HCS00DMSR HCS00HMSR HCS00K HCS00KMS |
NAND-Gate, 2-Input, Quad, Rad-Hard, High-Speed, CMOS, Logic RES 1.65K-OHM 1% 0.10W 100PPM THK-FILM SMD-0603 TR-7-PA ROHS Radiation Hardened Quad 2-Input NAND Gate
|
INTERSIL[Intersil Corporation] http://
|